Part Number Hot Search : 
3FJ25 G936T81B 1041DV33 2SD1572 AA8361 0ETTTS 370903 MTM40N20
Product Description
Full Text Search
 

To Download SPT20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 L U M I N IS
Specification
SPARTACUS
SPT20
All exposed cast aluminum components are made of non corrosive pure aluminum copper free (Aluminum is less than .1% copper content.#356 alloy.) Finish: All polyester powder baked coatings preceded with a 5 baths preparation process. Meets military grade MIL-C781706 with a 2000 hours salt spray test. - Pulse rated medium base porcelain socket. - 75W/600V thermoplastic compact fluorescent socket. - One-piece molded silicone gasket with memory retention. - High power factor CWA ballast. Or 98% P.F.electronic smart ballast with end of life detection for compact fluorescent. - All stainless steel hardware. - All Moving and removable parts are sealed with a memory retention silicone gasket. - Cast aluminum swing out hinge mechanism for quick maintenance access. 1 - Cast aluminum removable gasketed top for quick and ease of ballast servicing. 2 - Standard specular multi facet reflector,with type III distribution. 3 - Cast aluminum sealed hinged glass frame, with perimeter memory retention embedded silicone gasket. 4 - Clear tempered clear glass lens
1
2
3 4
14"
Note: SPT20 series is a modular luminaire offered with an array of standard attachments to meet multiple installation requirements. Please specify desired mounting accessory with model number. (See page 116)
14" Hinged door mechanism for ease of access
Photometry
Separate updated technical specification sheets with related models and light sources with I.E.S formatted photometry are available on www.luminis.com.
90 60 30
Certification
UL. Wet Location.
Mounting / E.P.A
E.P.A : 0.72 Max. weight: 30 lbs.
For options details and specifications, please refer to pages 115.116 & 72
Model# Mounting
Light source selection
Voltage
120 V Standard factory prewired (If no voltage is specified) For other voltages, please specify with catalog number. H.I.D. 208 V 240 V 277 V 347 V 480 V COMP. FLUO. Smart ballast 120/277 347 V (To specify)
Finish
Standard selection WHT:Snow white BKT: Jet black BZT: Bronze GRT: Titanium gray DGT: Gun metal CHT: Champagne MST: Matte silver GNT: Forest green Optional colors CS: Custom color RAL: RAL# color R5:
Options
Accessories Type V light distribution semi specular aluminum reflector. Electrical Fuse 120/277V photo cell 347V photo cell
MH (ED17) ACA5 ACW5 APA1 APC1 APS1 S T W M70 M100 M150 M175 HPS (ED17) H70 H100 H150
CF (Gx24q) Single lamp F157 F170
SPT20
FS: PH1: PH2:
(Lamps by others)
luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
Page 110
L U M IN I S
APC1 APA1
36"
Attachment accessories
APS1
SPARTACUS
18"
General note: SPT20-SPT25 and SPT50 are designed as luminaire modules adaptable to various installation requirements as a pole ceiling or wall mount. Please specify the selected 36" type of attachment with model number. (Refer to page 116 for additional pole mounting information.) 18"
Typical luminaire
-T1
Wall mount
-S
Ceiling suspension adaptor. 36"
-W1
Wall mount shepherd arm 18"
P
Pole mount curved arm
3" 4 5/8" 5 5/8" Typical luminaire Typical luminaire
5 1/8"
ACA5
ACW5
ACA5
Side pole mount extender
ACW5
Wall mount extender 25 1/2" 17 3/4"
Front view Typical luminaire ACA5 -EPA: 0.8 1" X 3" extruded aluminum side pole arm mount. 4" O.D X 30" lg. post top adaptor with a cast aluminum tenon to fit with a 3 3/4" I.D. pole. 1/2" dia. stainless steel rod support. Extruded arm and all other parts are painted same color as Luminaire. ACW5- Wall mount version with independent cast aluminum mounting plates. APC1 -EPA: 0.12 1" X 3" extruded aluminum side pole mounting adaptor. APA1 - EPA: 0.2 1 5/8" dia. aluminum shepherd style arm, with two extruded 1"X 3" aluminum side pole adaptor. APS1 - EPA: 0.15 1 5/8" dia. aluminum shepherd style arm, with two extruded 1"X 3" aluminum pole adaptor.
30"
Power supply
BI-LEVEL MOUNTING Option: BL
Twin mount off set luminaire installation.
"X" Dimension
Step1: Select distance between luminaires as shown(X")
(P) Position: 180
1) BL ("x")
Step2: Indicate position of luminaires at 90 or 180
-S
15 swivel ceiling mount with 5/8" dia.X36"lg aluminum stem. luminaire top adaptor allowing to cut stem to length on site. (Mounts over a standard 4" octagonal box with 3 1/2" C/C holes)
(P) Position: 90
2) (P)-Position EX: SPT20-BL36-90
Important: consider Additional pole lenght required for BL set mounting. Spartacus SPT20 and SPT25 series may be installed in several positions along the pole. Please provide information with desired position as shown above.
-T1 -1" x 3" extruded aluminum wall mounting straight adaptor with cast
aluminum cover and galvanized steel mounting plate.
-W1 -1 5/8" Dia. shepherd aluminum arm wall mount, with a cast
aluminum wall cover and galvanized steel mounting plate. -P - Cast aluminum elliptical curved arm. Refer to corresponding luminaire specification sheet SPT20 & SPT25 for details.
luminaires may be altered for design improvements or discontinued without prior notice.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
Page 115
L U M IN I S
Poles attachment accessories
SPARTACUS
SPT20-APC1
SPT20-ACA5
SPT20-APS1
SPT20-APA1
SPT20P
SPT15P SPT15PF SPT15P15
SPT25-APC1
SPT25-ACA5
SPT25-APS1
SPT25-APA1
SPT25P
Compatible poles listing.
Post side mount with APA1 attachment accessory SPT50-APC1 SPT50-ACA5
Mounting style 4"O.D. PAA410-APA PAA412-APA PAA414-APA PAA416-APA PAA418-APA PAA420-APA PAA410-APC PAA412-APC PAA414-APC PAA416-APC PAA418-APC PAA420-APC PAA410-A PAA412-A PAA414-A PAA416-A PAA418-A PAA420-A PAA414-ACA PAA416-ACA PAA418-ACA PAA420-ACA 5"O.D. 4"O.D. 4"O.D. PXD10-APA PXD12-APA PXD14-APA PXD16-APA PXD18-APA PXD20-APA PXD10-APC PXD12-APC PXD14-APC PXD16-APC PXD18-APC PXD20-APC PXD10-A PXD12-A PXD14-A PXD16-A PXD18-A PXD20-A PXD14-ACA PXD16-ACA PXD18-ACA PXD20-ACA Pole height 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 10 ft 12 ft 14 ft 16 ft 18 ft 20 ft 14 ft 16 ft 18 ft 20 ft
-APA1 Mounting
PAA510-APA PAA512-APA PCA12-APA PAA514-APA PCA14-APA PAA516-APA PCA16-APA PAA518-APA PAA520-APA PAA510-APC PAA512-APC PCA12-APC PAA514-APC PCA14-APC PAA516-APC PCA16-APC PAA518-APC PAA520-APC PAA510-A1 PAA512-A1 PAA514-A1 PAA516-A1 PAA518-A1 PAA520-A1 PCA10-A PCA12-A PCA14-A PCA16-A
SPT50-APS1
SPT50-APA1
Post side mount with APC1 attachment accessory
* Note: 36" extension with ACA5 attachment 24" extension with APA1 & APC1 attachment OAL pole height 12-14 or 16ft. PEX pole style PXD pole style PCA pole style Post top mount 4" PCA pole style PAA pole style -APC1 Mounting
Post top mount with APS1 attachment accessory
* Note
-APS1 Mounting
Post side mount with ACA5 attachment accessory
PAA514-ACA PCA14-ACA PAA516-ACA PCA16-ACA PAA518-ACA PAA520-ACA
PXD10-A PAA410-A PAA510-A2 10 ft PXD12-A PAA412-A PAA512-A2 12 ft 60" PXD14-A 14 ft PAA414-A PAA514-A2 PCA14-A PXD16-A 16 ft PAA416-A PAA516-A2 PCA16-A PAA5 series PXD18-A 18 ft PAA418-A PAA518-A2 up to 250W luminaires PXD20-A 20 ft PAA420-A PAA520-A2 For poles details and specification, please refer to pages 140 to 144 Luminaries may be altered for design improvements or discontinued without prior notice.
-ACA5 Mounting Note: PAA4 series PCA PXD Poles up to 175W luminaires
Post top mount
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309 LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Tel: 954 .717 .4155 Fax: 954 . 717.4157 Toll free: 888 .401 .6999
Web: www.luminis.com
Sept. 2006 Rev. Feb.2007
Page 116


▲Up To Search▲   

 
Price & Availability of SPT20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X